Part Number Hot Search : 
PDMB600 B105J MB39A112 TC642 ATION D5000 4VHC2 1206L
Product Description
Full Text Search
 

To Download GSOT05L-V-G-08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 85181 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.2, 01-jul-10 1 single-line esd-protection diode in sot-23 gsot05l-v vishay semiconductors marking (example only) yyy = type code (see table below) x = date code features ? single-line esd-protection device ? esd-immunity acc. iec 61000-4-2 30 kv contact discharge 30 kv air discharge ? space saving sot-23 package ? aec-q101 qualified ?e3 - sn ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec 20512 1 20421 1 2 3 20357 yyy xx xx ordering information device name environmental status ordering code taped units per reel (8 mm tape on 7" reel) minimum order quantity gsot05l-v standard gsot05l-v-gs08 3000 15 000 green GSOT05L-V-G-08 package data device name package name type code environmental status weight molding compound flammability rating moisture sensitivity level soldering conditions gsot05l-v sot-23 05l standard 8.8 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals 5lg green 8.1 mg absolute maximum ratings gsot05l-v parameter test conditions symbol value unit peak pulse current pin 3 to 1 acc. iec 61000-4-5, 8/20 s/single shot i ppm 13 a peak pulse power pin 3 to 1 acc. iec 61000-4-5, 8/20 s/single shot p pp 156 w esd immunity contact discharge acc. iec 61000-4-2; 10 pulses v esd 30 kv air discharge acc. iec 61000-4-2; 10 pulses 30 kv operating temperatur e junction temperature t j - 40 to + 150 c storage temperature t stg - 55 to + 150 c ** please see document ?vishay material category policy?: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85181 2 rev. 1.2, 01-jul-10 gsot05l-v vishay semiconductors single-line esd-prote ction diode in sot-23 bias-mode (bidirectional asymmetrical protection mode) with the gsot05l-v one signal- or data-li nes (l1) can be protected against voltage tr ansients. with pin 1 connected to ground and pin 3 connected to a signal- or data-li ne which has to be protected. as long as th e voltage level on the data- or signal-li ne is between 0 v (ground level) and the specified maximum reverse working voltage (v rwm ) the protection diode between data line and ground offers a high isolation to the ground line. the protection device behaves like an open switch. as soon as any positive transient voltage signal exceeds the break through voltage level of the protection diode, the diode becomes conductive and shorts the transient current to grou nd. now the protection device be haves like a closed switch. the clamping voltage (v c ) is defined by the breakthrough voltage (v br ) level plus the voltage drop at the series impedance (resistance and inductance) of the protection device. any negative transient signal will be clamped accordingly. the ne gative transient current is flowing in the forward direction o f the protection diode. the low forward voltage (v f ) clamps the negative transient close to the ground level. due to the different clamping levels in forward and reverse direction the gsot05l-v clamping behaviour is bidirectional and asymmetrical (bias). note ? ratings at 25 c, ambient temperature unless otherwi se specified. bias mode (between pin 3 to 1). typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - esd discharge current wave form acc. iec 61000-4-2 (330 /150 pf) fig. 2 - 8/20 s peak pulse current wave form acc. iec 61000-4-5 20422 l1 1 2 3 ground bias electrical characteristics gsot05l-v parameter test conditions/remarks symbol min. typ. max. unit protection paths number of lines which can be protected n lines - - 1 lines reverse stand off voltage at i r = 1 a v rwm 5.5 6.1 7 v reverse current at v r = 5.5 v i r --1a reverse breakdown voltage at i r = 1 ma v br 66.75- v reverse clamping voltage at i pp = 1 a v c -6.99 v at i pp = i ppm = 13 a - 10 12 v forward clamping voltage at i pp = 1 a v f -11.3v at i pp = i ppm = 13 a - 2.6 3 v capacitance at v r = 0 v; f = 1 mhz c d - 100 120 pf at v r = 2.5 v; f = 1 mhz - 60 - pf 0 % 20 % 40 % 60 % 8 0 % 100 % 120 % - 10 0 10 20 30 40 50 60 70 8 0 90 100 time (ns) discharge c u rrent i esd rise time = 0.7 ns to 1 ns 53 % 27 % 20557 0 % 20 % 40 % 60 % 8 0 % 100 % 010203040 time ( s) i ppm 20 s to 50 % 8 s to 100 % 2054 8
document number: 85181 for technical questions, contact: esdprotection@vishay.com www.vishay.com rev. 1.2, 01-jul-10 3 gsot05l-v single-line esd-prot ection diode in sot-23 vishay semiconductors fig. 3 - typical capacitance c d vs. reverse voltage v r fig. 4 - typical forward current i f vs. forward voltage v f fig. 5 - typical reverse voltage v r vs. reverse current i r fig. 6 - typical peak clamping voltage v c vs. peak pulse current i pp fig. 7 - typical clamping performance at + 8 kv contact discharge (acc. iec 61000-4-2) fig. 8 - typical clamping performance at - 8 kv contact discharge (acc. iec 61000-4-2) v r ( v ) c d (pf) 21926 0 20 40 60 8 0 100 120 0123456 f = 1mhz v f ( v ) i f (ma) 21927 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 1 10 2 1 pin 1 to 3 i r ( a) v r ( v ) 2192 8 0 1 2 3 4 5 6 7 8 0.01 0.1 1 10 100 1000 10 000 pin 3 to 1 i pp (a) v c ( v ) 21929 - 4 - 2 0 2 4 6 8 10 12 0246 8 10 12 14 16 pin 3 to 1 meas u red acc. iec 61000-4-5 ( 8 /20 s - w a v e form) v c positi v e s u rge negati v e s u rge t (ns) v c-esd ( v ) 21930 - 60 - 40 - 20 0 20 40 60 8 0 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 + 8 k v contact discharge pin 3 to 1 pos. discharge t (ns) v c-esd ( v ) 21931 - 8 0 - 60 - 40 - 20 0 20 40 60 - 10 0 10 20 30 40 50 60 70 8 090 acc. iec 61000-4-2 - 8 k v contact discharge pin 3 to 1 neg. discharge
www.vishay.com for technical questions, contact: esdprotection@vishay.com document number: 85181 4 rev. 1.2, 01-jul-10 gsot05l-v vishay semiconductors single-line esd-prote ction diode in sot-23 fig. 9 - typical peak clamping voltage at esd contact disc harge (acc. iec 61000-4-2) package dimensions in millimeters (inches): sot-23 21932 v c-esd ( v ) v esd (k v ) - 250 - 200 - 150 - 100 - 50 0 50 100 150 200 250 0 5 10 15 20 25 30 v c-esd acc. iec 61000-4-2 contact discharge pin 3 to 1 foot print recommendation: rev. 8 - date: 23. s ept.2009 17418 document no.: 6.541-5014.01-4 0.9 (0.035) 1 (0.039) 0.9 (0.035) 1 (0.039) 1.43 (0.056) 0.45 (0.018) 0.35 (0.014) 2.8 (0.110) 3.1 (0.122) 0.45 (0.018) 0.35 (0.014) 0.45 (0.018) 0.35 (0.014) 0.1 (0.004) max. 2.35 (0.093) 2.6 (0.102) 0.175 (0.007) 0.098 (0.004) 1.15 (0.045) 0.9 (0.035) 1.20 (0.047) 0.95 (0.037) 0.95 (0.037) 2 (0.079) 0.7 (0.028) 0.9 (0.035) 0 to 8 0.2 (0.008) 0.3 (0.012) 0.5 (0.020) 0.550 ref. (0.022 ref.)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of GSOT05L-V-G-08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X